Part Number Hot Search : 
BR358 WG20232A XDMR20A M12542DD P800B LT1036M SSM9435 L6513
Product Description
Full Text Search
 

To Download BD682 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION With TO-126 package Complement to type BD675A/677A/679A/681 DARLINGTON High DC current gain APPLICATIONS For medium power linear and switching applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
BD676A/678A/680A/682
Absolute maximum ratings (Ta=25ae )
SYMBOL

PARAMETER
CONDITIONS
BD676A BD678A
VCBO
HAN INC
Collector-emitter voltage Emitter -base voltage Collector current Collector current-Peak Base current Collector power dissipation Junction temperature Storage temperature
Collector-base voltage
BD680A
BD682
GE S
Open emitter
EMIC
OND
TOR UC
VALUE -45 -60 -80 -100 -45 -60
UNIT
V
BD676A BD678A Open base BD680A
VCEO
V -80 -100
BD682 VEBO IC ICM IB PC Tj Tstg Open collector
-5 -4 -6 -0.1
V A A A W ae ae
TC=25ae
40 150 -65~150
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER BD676A BD678A
BD676A/678A/680A/682
SYMBOL
CONDITIONS
MIN -45 -60
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA; IB=0 BD680A BD682 BD676A/678A/680A BD682 BD676A/678A/680A BD682 IC=-2A; IB=-40mA IC=-1.5A; IB=-30mA IC=-2A ; VCE=-3V -2.5 IC=-1.5A ; VCE=-3V VCB=rated BVCEO; IE=0 Ta=100 ae VCE=1/2rated BVCEO; IB=0 VEB=-5V; IC=0 -80 -100 -2.8
V
VCEsat
Collector-emitter saturation voltage
V -2.5
VBE(on)
Emitter-base voltage Collector cut-off current Collector cut-off current
V
ICBO ICEO IEBO

BD676A/678A/680A BD682
Emitter cut-off current
hFE
DC current gain
HAN INC
SEM GE
IC=-2A ; VCE=-3V
OND IC
TOR UC
-0.5 -2.0
-0.2 -2.0
mA mA mA
750
IC=-1.5A ; VCE=-3V
750
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
BD676A/678A/680A/682
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BD682

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X